Part Number Hot Search : 
EER35C L161B LPC3200 MM5Z6V2B KA7915TU E003618 EPA3692G 15C02SS
Product Description
Full Text Search
 

To Download A452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
8x10mm No. A45 0/A451/A452 A450/A451/A452 451/A
Littelfuse series SL1021A.
3-electrode (20kA/10A) Enhanced Discharge Series This product is not recommended Features for new designs. Please refer to
Non-radioactive Lead Free Failsafe Option
Specifications
Packaging A450: 00=Bulk (2.000 pcs.) A450/F: 00_Bulk (500 pcs.) A451: 04=Tray (250 pcs.) A452/F: 04=Tray (500 pcs.) Materials Housing: Ceramic Gas: non-radioactive Leads: tin plated Arc Voltage @ 1A
~ 35V
Applications
Telecommunication Data Transmission Subscriber protection Underground cables
Transition Glow to Arc @
~ 1.0A
Standard
UL-497B complies to ITU-T K.12 (formerly CCITT) complies to DIN 57845/VDE 0845 UL-rec.
Approvals
W ebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Soldering characteristics complies to IEC 60068-2-20 Soldering Heat Resistance complies to IEC 60068-2-58 Time Transverse Delay Time complies to ITU-T K.12
< 0.2s
Marking , Type, Nom. Voltage, Date Unit Weight ca. 2.5g
8/20s 8/20s AC AC Nominal Single Nominal Alternating Impulse Impulse Discharge Discharge Discharge Discharge Current Current Current Current (50Hz; 1s; (50Hz; (10 times) (1 time) (10 times) 9 cycles) E1+E2/M E1+E2/M E1+E2/M E1+E2/M Approval
Characteristics
Type/ Order Code DC sparkover voltage Tolerance Impulse sparkover voltage (1kV/s) typ. Glow Insulation Voltage Resistance (@100 Vdc) E1/M;E2/M Capacitance (@1MHZ) E1/M;E2/M
UL-rec.
A450 S0 0230 01 00 A450 F0 0230 01 00** A451 S0 0230 01 04 230V A452 S0 0230 01 04 A452 F0 0230 01 04** A450 S0 0250 01 00** A451 S0 0250 01 04 A452 S0 0250 01 04 250V A452 F0 0250 01 04** A450 S0 0350 01 00 A451 S0 0350 01 04 A452 S0 0350 01 04 350V A452 F0 0350 01 04** A450 S0 0420 11 00 A450 F0 0420 11 00** 420V A452 S0 0420 11 04 other values on request
+/- 20%
< 450V
~ 200V
> 10G
< 1.5 pF
20kA
25kA
10A
50A
*
+/- 20%
< 550V
~ 200V
> 10G
< 1.5 pF
20kA
25kA
10A
50A
*
+/- 20%
< 600V
~ 200V
> 10G
< 1.5 pF
20kA
25kA
10A
50A
*
-17/+30%
< 800V
~ 200V
> 10G
< 1.5 pF
20kA
25kA
10A
50A
** with failsafe
Specifications are subject to change without notice.
Order Example
Qty.
OrderNumber
Type A450
Failsafe Option Sparkover Volt. S0 0230
Tolerance 01
Packaging 00
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
DISCHARGE TUBE GAS DISCHARGE TUBE
Dimensions (mm) A450/A451/A452 A450 A450 with Failsafe
A451
A452 with Failsafe A452
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X